PART |
Description |
Maker |
RC1608F102CS RC1608J111CS RC1608J515CS RC1608J275C |
THICK-FILM CHIP RESISTOR We, Samsung, declare that our component Chip Resistor is produced in accordance with EU RoHS directive.
|
Samsung semiconductor
|
POD-19X10.6-6P-SW |
BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
|
FERYSTER Inductive Components Manufacturer
|
EE16-K-H-10P-SW-AW |
BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
|
FERYSTER Inductive Components Manufacturer
|
12C671 12C672 PIC12C672-04/SM PIC12C672-04I/MF PIC |
EPROM Memory Programming Specification EPROM存储器编程规 Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:White; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft; Conductor Material:Copper RoHS Compliant: Yes SWITCH SPDT BASIC 40GF NON-SHORT
|
Microchip Technology, Inc. Microchip Technology Inc.
|
UES702 BYW77-100 BYW77-150 UES703 BYW31-100 BYW31- |
RECTIFIERS Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Fluoropolymer; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes
|
MICROSEMI[Microsemi Corporation]
|
BYT62 |
From old datasheet system Silicon Mesa Rectifier Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Voltage Nom.:300V RoHS Compliant: Yes
|
http:// VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Telefunken
|
DCR5980Z18 DCR5980Z DCR5980Z12 DCR5980Z14 DCR5980Z |
Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Phase Control Thyristor Target Information
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|
TC07-11EWA TC07-11GWA TC07-11SRWA TC07-11YWA TA07- |
Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] Kingbright Electronic
|
4600T 4611T-106-2222FCD 4611K-101-2222BAA 4611K-10 |
Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Color:White/Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Color:White/Yellow; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Light Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Film Capacitor; Voltage Rating:63VDC; Capacitor Dielectric Material:Polyester; Capacitance:1uF; Capacitance Tolerance: 10%; Lead Pitch:15mm; Leaded Process Compatible:No; Package/Case:F; Peak Reflow Compatible (260 C):No RoHS Compliant: No Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes THIN FILM CONFORMAL SIP 薄膜共形SIP协议
|
List of Unclassifed Manufacturers BOURNS ETC[ETC] Electronic Theatre Controls, Inc.
|
6859 |
XLR Style Audio Connector; No. of Contacts:3; Gender:Female-Female Adapter; Body Material:Zinc Alloy; Contact Material:Zinc; Contact Plating:Nickel; Series:XLR RoHS Compliant: Yes
|
POMONA ELECTRONICS
|
UG-57B_U UG-58A_U UG18C MX-913_U N-J-3DW N-LP-5DW |
RFCO-AXIAL CONNECTORS RFCO同轴连接 Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Black; Approval Bodies:UL; Approval Categories:UL AWM Style 1855; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
MB84VA2107-10 MB84VA2106-10 |
Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:11; No. Strands x Strand Size:7 x 19; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 16M (x16) FLASH MEMORY & 1M (x 8) STATIC RAM
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|